Part Number Hot Search : 
2SA1884 A05000 2SC5895 HVD374B S5MCF T3043 815SR 4D181M
Product Description
Full Text Search
 

To Download 2SA1075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1075 2SA1076
DESCRIPTION *With MT-200 package *Complement to type 2SC2525,2SC2526 *Fast switching speed *Excellent safe operating area APPLICATIONS *High frequency power amplifiers *Audio power amplifiers *Switching regulators *DC-DC converters
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL PARAMETER 2SA1075 VCBO Collector-base voltage 2SA1076 2SA1075 VCEO Collector-emitter voltage 2SA1076 VEBO IC PC Tj Tstg Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -160 -7 -12 120 150 -65~150 V V A W Open emitter -160 -120 V V CONDITIONS VALUE -120 UNIT V
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER 2SA1075 IC=-1mA ;RBE= 2SA1076 2SA1075 IC=-50A; IE=0 2SA1076 IE=-50A; IC=0 IC=-5A;IB=-0.5A IC=-5A;VCE=-5V 2SA1075 ICBO Collector cut-off current 2SA1076 2SA1075 ICEO Collector cut-off current 2SA1076 IEBO hFE-1 hFE-2 Cob fT Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency VCE=-160V; IB=0 VEB=-7V; IC=0 IC=-1A ; VCE=-5V IC=-7A ; VCE=-5V IE=0 ; VCB=-10V IC=-1A ; VCE=-10V VCB=-160V; IE=0 VCE=-120V; IB=0 VCB=-120V; IE=0 CONDITIONS
2SA1075 2SA1076
MIN -120
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -160 -120 V -160 -7 -1.8 -1.7 V V V
V(BR)CBO
Collector-base breakdown voltage
V(BR)EBO VCEsat VBE
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter voltage
-50
A
-1
mA
-50 60 40 300 60 200
A
pF MHz
Switching times tr ts tf Rise time Storage time Fall time IC=-7.5A;RL=4 IB1=-IB2=-0.75A 0.15 0.50 0.11 s s s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1075 2SA1076
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X